surface mount inductors and transformers sg-890 sprague-goodman electronics, inc., 1700 shames drive, westbury, ny 11590 ? tel: 516-334-8700 ? fax: 516-334-8771 ? e-mail: info@ s praguegoodman.com 5 inductance dc srf rated at 10 khz resistance typical current model 10 % ( h) typical ( ) (mhz) max (a) number 10 0.06 25.0 2.7 glsx10010 12 0.07 22.0 2.5 glsx12010 15 0.09 20.0 2.2 glsx15010 18 0.10 16.0 2.0 glsx18010 22 0.11 15.0 1.8 glsx22010 27 0.13 14.0 1.6 glsx27010 33 0.15 13.0 1.5 glsx33010 39 0.18 12.0 1.3 glsx39010 47 0.20 11.0 1.2 glsx47010 56 0.25 9.0 1.1 glsx56010 68 0.28 8.0 1.0 glsx68010 82 0.35 7.5 0.9 glsx82010 100 0.45 7.0 0.84 glsx10110 120 0.50 6.5 0.77 glsx12110 150 0.65 6.2 0.69 glsx15110 180 0.75 6.0 0.62 glsx18110 220 0.95 5.2 0.57 glsx22110 270 1.10 4.5 0.51 glsx27110 330 1.35 4.0 0.46 glsx33110 390 1.60 3.5 0.43 glsx39110 470 2.00 2.8 0.39 glsx47110 560 2.40 2.7 0.36 glsx56110 680 2.70 2.6 0.32 glsx68110 820 3.20 2.4 0.30 glsx82110 1000 4.30 1.8 0.27 glsx10210 1200 4.60 1.7 0.25 glsx12210 1500 6.50 1.4 0.22 GLSX15210 1800 7.00 1.3 0.20 glsx18210 2200 9.20 1.2 0.18 glsx22210 2700 10.50 1.1 0.16 glsx27210 applications ? rfi suppression ? dc-dc converter ? decoupling in rf and if circuits ? safety devices in automotive electronics specifications inductance range: 10 h - 2.7 mh operating temperature range: C40c to +125c stored energy: 58 ws surface mount power inductor glsx series features ? compact design ? high current-carrying capacity ? low dc resistance ? suitable for automatic insertion ? for reflow and vapor phase soldering ? terminals are formed from the ends of the coil windings, eliminating solder joints between the coil and the terminals which could open from the heat of circuit assembly. all dimensions are in / mm. unless otherwise specified, the tolerance on dimensions is 0.004 / 0.1. 0.22 5.5 0.31 8.0 0.33 8.5 0.35 9.0 0.18 4.5 0.18 4.5 pad layout
|